PART |
Description |
Maker |
P4631-10 G6122 G6122-03 P4639 G6126 P4631 P4631-01 |
Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 4V; Packaging: Tape & Reel Infrared detector module with preamp
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
IRT1 |
Infrared Pulse Detector
|
rfsolutions.ltd
|
C12485-210-15 |
Infrared detector modules with preamp
|
Hamamatsu Corporation
|
NCS36000DG NCS36000DRG |
Passive Infrared (PIR) Detector Controller Passive Infrared (PIR) Detector Controller
|
ON Semiconductor
|
ILC5062M46X ILC5062 ILC5062AIC23X ILC5062AIC24X IL |
CAP,Met Polypropylene,1.5uF,1.2KVDC,10-% Tol,10 % Tol RoHS Compliant: No RES 174K 1% 1/4W 1206 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SOT-23 Power Supply reset Monitor with 1% precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 RES 1K74 SM 1/4W F 1206C THKF 100PPM TR Voltage Detector (3.1V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V) Voltage Detector (2.6V) Voltage Detector (2.5V) Voltage Detector (2.7V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TFDU4101 TFDU4101-TT3 TFDU410107 TFDU4101-TR3 |
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA? Applications Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA庐 Applications Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA㈢ Applications
|
Vishay Siliconix
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
TFDS6402 TFDS6402-TR3 TFDS6502E TFDU6102E-TT3 TFDS |
Infrared transceivers Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation 5015 RR 3#12 PIN PLUG 5015 RR 3#16S PIN PLUG 5015 RR 1#4 SKT PLUG 快速红外收发器模块系列兆飞行情报区/秒)2.6 V.5 V工作电压
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
ILC5061AM2 ILC5061M46X ILC5061M46 ILC5061M44X ILC5 |
Power Supply reset Monitor with 1% Precision Power Supply reset Monitor with 1% Precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 150K 1/8W RESISTOR Voltage Detector (3.1V) Voltage Detector (3.2V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC3373D |
Remote Control Amplifier/Detector INFRARED, REMOTE CONTROL SUPPORT CIRCUIT, PDSO8
|
Motorola Mobility Holdings, Inc.
|
EAIRMBA4 |
Infrared Receiver Module
|
Everlight Electronics C...
|
EAIRMCA0 |
Infrared Receiver Module
|
Everlight Electronics C...
|